Part Number Hot Search : 
C74LVX P6SMB33A ALC268Q SRA2202S 50A15 67B42 PR200 T1604
Product Description
Full Text Search
 

To Download ZMM5246B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
ZMM5221B SERIES
SURFACE MOUNT ZENER DIODES
VOLTAGE
2.4 to 47 Volts
POWER
500 mWatts
MINI-MELF/LL-34
Unit : inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes
.063(1.6)
* Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
.020(0.5) .012(0.3)
.020(0.5) .012(0.3) .146(3.7) .130(3.3)
MECHANICAL DATA
* Case: Molded Glass MINI-MELF * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: See Diagram Below * Approx. Weight: 0.03 grams * Mounting Position: Any * Packing information T/R - 2.5K per 7" plastic Reel
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
P ar m et r a e P ow erD i si aton atTam b = 25 spi Juncton Tem per t r i aue S t r ge Tem per t r R ange oa aue Vald pr vi ed t atl ads ata di t nce of10m m fom case ar keptatam bi ntt m per t r . i od he sa r e ee aue
O
S ym bol
Val e u 500 175 - 5 t +175 6o
U nis t mW
O
C
PTO T TJ TS
C C
O
P ar m et r a e Ther alR esi t nce Juncton t A m bi ntA i m sa io e r For ar Volage atI = 200m A wd t F
S ym bol
M i. n -
Typ.
M ax. 0. 3 1. 1
U nis t K/ W m V
Rt A h VF
-
Vald pr vi ed t atl ads ata di t nce of10m m fom case ar keptatam bi ntt m per t r . i od he sa r e ee aue
STAD-JUL.21.2004
.055(1.4)DIA.
PAGE . 1
Nomi nal Zener Voltage Part Number
No m. V ZMM5221B ZMM5222B ZMM5223B ZMM5224B ZMM5225B ZMM5226B ZMM5227B ZMM5228B ZMM5229B ZMM5230B ZMM5231B ZMM5232B ZMM5233B ZMM5234B ZMM5235B ZMM5236B ZMM5237B ZMM5238B ZMM5239B ZMM5240B ZMM5241B ZMM5242B ZMM5243B ZMM5244B ZMM5245B ZMM5246B ZMM5247B ZMM5248B ZMM5249B ZMM5250B ZMM5251B ZMM5252B ZMM5253B ZMM5254B ZMM5255B ZMM5256B ZMM5257B ZMM5258B ZMM5259B ZMM5260B ZMM5261B 2.40 2.50 2.70 2.80 3.00 3.30 3.60 3.90 4.30 4.70 5.10 5.60 6.00 6.20 6.80 7.50 8.20 8.70 9.10 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 22.00 24.00 25.00 27.00 28.00 30.00 33.00 36.00 39.00 43.00 47.00
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max Reverse Leakage C urrent IR @ VR
uA 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11.0 12.0 13.0 14.0 14.0 15.0 17.0 18.0 19.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0
V Z @ IZT
M i n. V 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 M a x. V 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35
Marki ng co d e
5221 5222 5223 5224 5225 5226 5227 5228 5229 5230 5231 5232 5233 5234 5235 5236 5237 5238 5239 5240 5241 5242 5243 5244 5245 5246 5247 5248 5249 5250 5251 5252 5253 5254 5255 5256 5257 5258 5259 5260 5261
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 150
mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7
Notes. STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " A" FOR + 3% SUFFIX " B" FOR + 5% SUFFIX " C" FOR + 10% SUFFIX " D" FOR + 20%
STAD-JUL.21.2004
PAGE . 2
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
Iz (mA)
50 40 30 20 10 0
5
10
15
20
25
30
Test Current Iz = 20mA
5245
5242 5241
5239
5250
5252
5235 5234 5232 5231 5230 5229
5228
5224
Fig.2 BREAKDOWN CHARACTERISTICS
STAD-JUL.21.2004
PAGE . 3


▲Up To Search▲   

 
Price & Availability of ZMM5246B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X